Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTRB-RASF Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LTRB-RASF
Description  Multi Chip LED
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LTRB-RASF Datasheet(HTML) 5 Page - ams-OSRAM AG

  LTRB-RASF Datasheet HTML 1Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 2Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 3Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 4Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 5Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 6Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 7Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 8Page - ams-OSRAM AG LTRB-RASF Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
LTRB RASF
DATASHEET
DATASHEET
5 | Version 1.9 | 2024-11-04
Characteristics
I
F = 20 mA; TS = 25 °C
Parameter
Symbol
Values
Values
Values
● true green
● red
● blue
Peak Wavelength
λ
peak
typ.
525 nm
632 nm
462 nm
Dominant Wavelength 1)
λ
dom
typ.
530 nm
621 nm
465 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
30 nm
18 nm
23 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
120 °
Forward Voltage 2)
I
F = 20 mA
V
F
min.
typ.
max.
2.20 V
2.65 V
3.10 V
1.80 V
2.15 V
2.40 V
2.70 V
2.90 V
3.30 V
Real thermal resistance junction/am-
bient 3)4)
R
thJA real
max.
670 K / W
670 K / W
670 K / W
Real thermal resistance junction/sol-
derpoint 3)
R
thJS real
max.
360 K / W
360 K / W
360 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com