Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS524 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS524
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS524 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS524 Datasheet HTML 1Page - Renesas Technology Corp ICS524 Datasheet HTML 2Page - Renesas Technology Corp ICS524 Datasheet HTML 3Page - Renesas Technology Corp ICS524 Datasheet HTML 4Page - Renesas Technology Corp ICS524 Datasheet HTML 5Page - Renesas Technology Corp ICS524 Datasheet HTML 6Page - Renesas Technology Corp ICS524 Datasheet HTML 7Page - Renesas Technology Corp ICS524 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
5
ICS524
REV C 021909
AC Electrical Characteristics
VDD = 2.5 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
VDD = 5 V ±5%, Ambient Temperature -40 to +85
° C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult IDT for tight duty cycle clock
generators.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
1.0
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.6
1.0
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.6
1.0
ns
Propagation Delay
Note 1
2.0
2.4
4
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
0.8 to 2.0 V, CL=15 pF
0.3
0.7
ns
Output Fall Time
tOF
2.0 to 0.8 V, CL=15 pF
0.3
0.7
ns
Propagation Delay
Note 1
1.8
2.5
4
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
50
ps
Device to Device Skew
Rising edges at VDD/2
500
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θJA
Still air
150
° C/W
θJA
1 m/s air flow
140
° C/W
θJA
3 m/s air flow
120
° C/W
Thermal Resistance Junction to Case
θJC
40
° C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com