Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS524 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS524
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS524 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS524 Datasheet HTML 1Page - Renesas Technology Corp ICS524 Datasheet HTML 2Page - Renesas Technology Corp ICS524 Datasheet HTML 3Page - Renesas Technology Corp ICS524 Datasheet HTML 4Page - Renesas Technology Corp ICS524 Datasheet HTML 5Page - Renesas Technology Corp ICS524 Datasheet HTML 6Page - Renesas Technology Corp ICS524 Datasheet HTML 7Page - Renesas Technology Corp ICS524 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
2
ICS524
REV C 021909
Pin Assignment
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of 0.01 µF
should be connected between VDD on pin 5 and GND on pin 8, as close to the device as possible. A 33
Ω series
terminating resistor may be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skew that the ICS524 is capable of, careful attention must be paid to board layout.
Essentially, all four outputs must have identical terminations, identical loads and identical trace geometries. If they
do not, the output skew will be degraded. For example, using a 30
Ω series termination on one output (with 33Ω on
the others) will cause at least 15 ps of skew.
1
2
3
VD D
4
Q0
Q1
Q3
GND
Q2
ICLK
8
7
6
5
NC
8-pi n SO IC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
ICLK
Input
Clock input, 5V tolerant input.
2
Q0
Output
Clock output 0.
3
Q1
Output
Clock output 1.
4
NC
—
Internal no connect.
5
VDD
Power
Connect to +2.5 V, +3.3 V or +5.0 V.
6
Q2
Output
Clock Output 2.
7
Q3
Output
Clock Output 3.
8
GND
Power
Connect to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com