Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5521
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology LT5521 Datasheet HTML 10Page - Linear Technology LT5521 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5575
7
5575f
RF INPUT POWER (dBm)
–30
10
12
16
18
20
30
24
–20
–10
–5
14
26
28
22
–25
–15
0
5
10
5575 G21
NOTE 7
2500MHz
900MHz
1900MHz
I/Q Gain Mismatch
vs LO Input Power
I/Q Phase Mismatch
vs LO Input Power
Large-Signal DSB NF
vs RF Input Power
RF Port Return Loss
LO Port Return Loss
Conversion Gain, IIP3, NF
vs Supply Voltage
IIP2 vs Supply Voltage
I/Q Gain Mismatch
vs Supply Voltage
I/Q Phase Mismatch
vs Supply Voltage
TYPICAL AC PERFORMANCE CHARACTERISTICS V
CC = 5V, EN = High, TA = 25ºC, PRF = –10dBm
(–10dBm/tone for 2-tone IIP2 and IIP3 tests), fBB = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
Test Circuit Shown in Figure 1 (Notes 6, 7).
LO INPUT POWER (dBm)
–15
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
–10
– 5
0
5
5575 G19
fBB = 1MHz
2500MHz
1900MHz
900MHz
LO INPUT POWER (dBm)
–15
–3
–2
–1
0
1
2
3
–10
– 5
0
5
5575 G20
fBB = 1MHz
900MHz
1900MHz
2500MHz
–30
–25
–20
–15
–10
–5
0
800
1100 1400 1700 2000 2300 2600
FREQUENCY (MHz)
5575 G22
LOW BAND;
C10 = 4.7pF
MID BAND;
C10 = 2pF
HIGH BAND;
NO EXTERNAL
COMPONENT
800
1100 1400 1700 2000 2300 2600
FREQUENCY (MHz)
–25
–20
–15
–10
–5
0
5575 G23
LOW BAND; C12 = 3.9pF
MID BAND; C12 = 2.2pF
HIGH BAND;
NO EXTERNAL COMPONENT
RF FREQUENCY (MHz)
15
20
25
5575 G24
10
5
0
35
30
4.75V
5V
5.25V
DSB NF
CONV. GAIN
IIP3
800
1100 1400 1700 2000 2300 2600
800
1100 1400 1700 2000 2300 2600
RF FREQUENCY (MHz)
50
55
60
5575 G25
45
40
70
65
4.75V
5V
5.25V
800
1100 1400 1700 2000 2300 2600
RF FREQUENCY (MHz)
–0.1
0.0
0.1
5575 G26
–0.2
–0.3
0.3
0.2
4.75V
5V
5.25V
RF FREQUENCY (MHz)
–1
0
1
5575 G27
–2
–3
3
2
4.75V
5V
5.25V
800
1100 1400 1700 2000 2300 2600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com