Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5521 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5521
Description  800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5521 Datasheet(HTML) 4 Page - Linear Technology

  LT5521 Datasheet HTML 1Page - Linear Technology LT5521 Datasheet HTML 2Page - Linear Technology LT5521 Datasheet HTML 3Page - Linear Technology LT5521 Datasheet HTML 4Page - Linear Technology LT5521 Datasheet HTML 5Page - Linear Technology LT5521 Datasheet HTML 6Page - Linear Technology LT5521 Datasheet HTML 7Page - Linear Technology LT5521 Datasheet HTML 8Page - Linear Technology LT5521 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT5575
4
5575f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Tests are performed as shown in the configuration of Figure 1.
Note 3: Specifications over the –40˚C to 85˚C temperature range are
assured by design, characterization and correlation with statistical
process control.
Note 4: DSB Noise Figure is measured with a small-signal noise source
at the baseband frequency of 15MHz without any filtering on the RF input
and no other RF signal applied.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF to LO Isolation
RF = 900MHz (Note 5)
RF = 1900MHz
RF = 2100MHz
RF = 2500MHz
59.7
57.1
59.5
53.1
dBc
dBc
dBc
dBc
AC ELECTRICAL CHARACTERISTICS V
CC = +5V, EN = High, TA = 25°C, PRF = –10dBm (–10dBm/tone for
2-tone IIP2 and IIP3 tests), Baseband Frequency = 1MHz (0.9MHz and 1.1MHz for 2-tone tests), PLO = 0dBm, unless otherwise noted.
(Notes 2, 3, 6)
Note 5: 900MHz performance is measured with external RF and LO
matching. The optional output capacitors C1-C4 (10pF) are also used for
best IIP2 performance.
Note 6: For these measurements, the complementary outputs (e.g., IOUT
+,
IOUT
– ) were combined using a 180˚ phase shift combiner.
Note 7: Large-signal noise figure is measured at an output frequency of
198.7MHz with RF input signal at fLO –1MHz. Both RF and LO input signals
are appropriately bandpass filtered, as well as baseband output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com