Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1565 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1565
Description  RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1565 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1565 Datasheet HTML 1Page - STMicroelectronics SD1565 Datasheet HTML 2Page - STMicroelectronics SD1565 Datasheet HTML 3Page - STMicroelectronics SD1565 Datasheet HTML 4Page - STMicroelectronics SD1565 Datasheet HTML 5Page - STMicroelectronics SD1565 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UHF PULSED APPLICATIONS
RF & MICROWAVE TRANSISTORS
. 400 x .500 4LFL (M102)
hermetically sealed
.
500 WATTS @ 250
µSec PULSE WIDTH,
10% DUTY CYCLE
.
REFRACTORY GOLD METALLIZATION
.
EMITTER BALLASTING AND LOW
RESISTANCE FOR RELIABILITY AND
RUGGEDNESS
.
INFINITE VSWR CAPABILITY AT
SPECIFIED OPERATING CONDITIONS
.
INPUT MATCHED, COMMON BASE
CONFIGURATION
.
BALANCED CONFIGURATION
DESCRIPTION
The SD1565 is a hermetically sealed, gold met-
allized silicon NPN pulse power transistor mounted
in a common base balanced configuration. The
SD1565 is designed for applications requiring high
peak power and low duty cycles within the fre-
quency range of 400 - 500 MHz.
PIN CONNECTION
BRANDING
SD1565
ORDER CODE
SD1565
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
65
V
VCES
Collector-Emitter Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
43.2
A
PDISS
Power Dissipation
1167
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.15
°C/W
SD1565
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
July 19, 1994
1/6


Similar Part No. - SD1565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1563 STMICROELECTRONICS-SD1563 Datasheet
106Kb / 7P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
SD1564 MICROSEMI-SD1564 Datasheet
596Kb / 4P
RF & MICROWAVE TRANSISTORS UHF PULSE POWER
More results

Similar Description - SD1565

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
SD1135 STMICROELECTRONICS-SD1135 Datasheet
52Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1434 STMICROELECTRONICS-SD1434 Datasheet
73Kb / 5P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
Oct-1992
SD1563 STMICROELECTRONICS-SD1563 Datasheet
106Kb / 7P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
07-Sep-1994
logo
Advanced Power Technolo...
MS1480 ADPOW-MS1480 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
MS2200 ADPOW-MS2200 Datasheet
201Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
MS2176 ADPOW-MS2176 Datasheet
203Kb / 6P
RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
SD1422 ADPOW-SD1422 Datasheet
126Kb / 4P
RF & MICROWAVE TRANSISTORS UHF MOBILE APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1536 NJSEMI-SD1536 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com