Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-H9GP-CE Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # LUW-H9GP-CE
Description  OSLON® Black
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-H9GP-CE Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button LUW-H9GP-CE Datasheet HTML 6Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 7Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 8Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 9Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 10Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 11Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 12Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 13Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LUW H9GP.CE
DATASHEET
DATASHEET
10 | Version 1.7 | 2023-09-29
Forward current 6), 7)
I
F = f(VF); TS = 25 °C
LUWH9GP.CE
2,83,0
3,23,4
3,6
VF [V]
100
200
400
600
800
1000
IF [mA]
:white
Relative Luminous Flux 6), 7)
Φ
v/Φv(350 mA) = f(IF); TS = 25 °C
LUWH9GP.CE
IF [mA]
0,0
0,5
1,0
1,5
2,0
2,5
ΦV
ΦV(350mA)
:white
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TS = 25 °C
LUWH9GP.CE
IF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com