Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-H9GP-CE Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # LUW-H9GP-CE
Description  OSLON® Black
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-H9GP-CE Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button LUW-H9GP-CE Datasheet HTML 15Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 16Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 17Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 18Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 19Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 20Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 21Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 22Page - ams-OSRAM AG LUW-H9GP-CE Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LUW H9GP.CE
DATASHEET
DATASHEET
19 | Version 1.7 | 2023-09-29
W
Waavveelleennggtthh
EEm
miissssiioonn C
CoolloorrC
Coolloorr ccoooorrddiinnaatteess aaccccoorrddiinngg
((λλddoomm ttyypp..))
C
CIIEE 11993311 // EEm
miissssiioonn ccoolloorr::
AA::
617 nm
amber
C
CW
W:: warm white
SS::
633 nm
super red
C
CYY::
color on demand yellow
YY::
590 nm
yellow
U
UW
W:: ultra-white
R
R::
625 nm
red
W
W::
white
W
W22::
white, 2 chips
C
Chhiipp TTeecchhnnoollooggyy::
55:: standard power class
PP: power performance
TTeecchhnnoollooggyy ccoonncceepptt
33:: Silicone encapsulation
(casted) platform: QFN
PPaacckkaaggee TTyyppee
H
H:: Top emitting device
Leadframe based
Black reflector package
KK:: Automotive
and Industry
Product
LL:: Light
Emitting
Diode
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
LL:: no lens (Lambertian)
PP:: planar compression molded silicon
(120°); with volume conversion
Q
Q:: planar compression molded silicon
(120°); with layer conversion
G
G:: outcoupling lens 90°
PPrroodduucctt--
vveerrssiioonn
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
TTooppllooookkeerr::
22:: 3731
H
H:: 3737
33:: 3742
II:: 3746
44:: 3753
JJ:: 3757
55:: 3746
KK:: 3768
99:: leadless
LL:: 3779
W
W:: next chip development
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
KK
W
W
H
H
22
LL
55
33
11
..
TT
EE
BBiinnnniinngg IInnffoorrm
maattiioonn::
EE:: ECE binning: IEC 62707
(i.e. ebxD68)
KK:: binning within ECE
C
Coonnvveerrtteedd C
Coolloorrss
TT:: greenish cold white
C
C:: intermediate cold white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com