Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-W5AM Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # LUW-W5AM
Description  Golden DRAGON® Plus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-W5AM Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button LUW-W5AM Datasheet HTML 18Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 19Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 20Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 21Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 22Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 23Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 24Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 25Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
2015-12-16
22
Version 1.1
LUW W5AM
Tape dimensions [mm]
Gurtmaße [mm]
Tape dim ensi ons in m m
Reel dimensions [mm]
Rollenmaße [mm]
Reel dim ensi ons in m m
Reel dim ensi ons in m m
Tape and Reel
Gurtverpackung
24 mm tape with 200 pcs. on ∅ 180 mm reel, 1200 pcs. on ∅ 330 mm reel
W
P0
P1
P2
D0
E
F
24 + 0.3 / - 0.1 4 ± 0.1
8 ± 0.1
or
12 ± 0.1
2 ± 0.1
1.5 ± 0.1
1.75 ± 0.1
11.5 ± 0.05
A
W
Nmin
W1
W2max
180
24
60 / 100
24.4 + 2
30.4
A
W
Nmin
W1
W2max
330
24
60 / 100
24.4 + 2
30.4
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com