Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUW-W5AM Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LUW-W5AM
Description  Golden DRAGON® Plus
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LUW-W5AM Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LUW-W5AM Datasheet HTML 3Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 4Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 5Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 6Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 7Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 8Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 9Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 10Page - ams-OSRAM AG LUW-W5AM Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Version 1.1
LUW W5AM
Chromaticity Coordinate Groups 2) page 27
Farbortgruppen 2) Seite 27
5R
6P
6Q
6R
7P
7Q
7R
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
8000 K
9000 K
10000 K
12000 K
14000 K
65
00
K
57
00
K
50
00
K
0.260
0.280
0.300
0.320
0.340
0.360
0.260
0.280
0.300
0.320
0.340
0.360
0.380
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
5P
5Q
2015-12-16
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com