Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-E6SC Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LW-E6SC
Description  Power TOPLED®
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-E6SC Datasheet(HTML) 1 Page - ams-OSRAM AG

  LW-E6SC Datasheet HTML 1Page - ams-OSRAM AG LW-E6SC Datasheet HTML 2Page - ams-OSRAM AG LW-E6SC Datasheet HTML 3Page - ams-OSRAM AG LW-E6SC Datasheet HTML 4Page - ams-OSRAM AG LW-E6SC Datasheet HTML 5Page - ams-OSRAM AG LW-E6SC Datasheet HTML 6Page - ams-OSRAM AG LW-E6SC Datasheet HTML 7Page - ams-OSRAM AG LW-E6SC Datasheet HTML 8Page - ams-OSRAM AG LW-E6SC Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LW E6SC
1 Version 1.2 | 2018-07-11
Produktdatenblatt | Version 1.1
www.osram-os.com
LW E6SC
Power TOPLED®
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators
on vehicles and for display panels for traffic control
systems.
Applications
—
Cluster, Button Backlighting
—
Electronic Equipment
—
Interior Illumination (e.g. Ambient Map)
Features:
—
Package: white PLCC-4 package, colored diffused silicone resin
—
Chip technology: InGaN
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931 (● white)
—
Corrosion Robustness Class: 1B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)


Similar Part No. - LW-E6SC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-E6SC OSRAM-LW-E6SC Datasheet
801Kb / 22P
white PLCC-4 package, colored diffused silicone resin
More results

Similar Description - LW-E6SC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com