Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-M67D Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # LW-M67D
Description  Mini TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-M67D Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button LW-M67D Datasheet HTML 3Page - ams-OSRAM AG LW-M67D Datasheet HTML 4Page - ams-OSRAM AG LW-M67D Datasheet HTML 5Page - ams-OSRAM AG LW-M67D Datasheet HTML 6Page - ams-OSRAM AG LW-M67D Datasheet HTML 7Page - ams-OSRAM AG LW-M67D Datasheet HTML 8Page - ams-OSRAM AG LW-M67D Datasheet HTML 9Page - ams-OSRAM AG LW-M67D Datasheet HTML 10Page - ams-OSRAM AG LW-M67D Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LW M67D
DATASHEET
DATASHEET
7 | Version 1.1 | 2023-03-23
Chromaticity Coordinate Groups
FK0PN0
0,0
0,2
0,4
0,6
Cx
0,20
0,22
0,24
0,26
0,28
0,30
0,32
0,34
0,36
0,38
Cx
0,0
0,2
0,4
0,6
0,8
Cy
0,20
0,25
0,30
0,35
0,40
0,45
Cy
400 -
380 nm
500 nm
550 nm
600 nm
700 -
750nm
PM0
NM0
MM0
LM0
KM0
JM0
IM0
HM0
GM0
FM0
PL0
NL0
ML0
LL0
KL0
JL0
IL0
HL0
GL0
FL0
PK0
NK0
MK0
LK0
KK0
JK0
IK0
HK0
GK0
FK0
PN0
NN0
MN0
LN0
KN0
JN0
IN0
HN0
GN0
FN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com