Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-M67D Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LW-M67D
Description  Mini TOPLED®
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LW-M67D Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LW-M67D Datasheet HTML 7Page - ams-OSRAM AG LW-M67D Datasheet HTML 8Page - ams-OSRAM AG LW-M67D Datasheet HTML 9Page - ams-OSRAM AG LW-M67D Datasheet HTML 10Page - ams-OSRAM AG LW-M67D Datasheet HTML 11Page - ams-OSRAM AG LW-M67D Datasheet HTML 12Page - ams-OSRAM AG LW-M67D Datasheet HTML 13Page - ams-OSRAM AG LW-M67D Datasheet HTML 14Page - ams-OSRAM AG LW-M67D Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LW M67D
DATASHEET
DATASHEET
11 | Version 1.1 | 2023-03-23
Relative Spectral Emission 6)
I
rel = f (λ); IF = 1.5 mA; TS = 25 °C
LW M67D
350
400
450
500
550
600
650
700
750
800
λ /
0,0
0,2
0,4
0,6
0,8
1,0
I
:Vλ
:JL0
:LK0
:MN0
Radiation Characteristics 6)
I
rel = f (ϕ); TS = 25 °C
LW M67D
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ /
0,0
0,2
0,4
0,6
0,8
1,0
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com