Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1680 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD1680
Description  RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1680 Datasheet(HTML) 1 Page - STMicroelectronics

  SD1680 Datasheet HTML 1Page - STMicroelectronics SD1680 Datasheet HTML 2Page - STMicroelectronics SD1680 Datasheet HTML 3Page - STMicroelectronics SD1680 Datasheet HTML 4Page - STMicroelectronics SD1680 Datasheet HTML 5Page - STMicroelectronics SD1680 Datasheet HTML 6Page - STMicroelectronics SD1680 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
800/900 MHz APPLICATIONS
RF & MICROWAVE TRANSISTORS
2 x . 437 x .450 2LFL (M175)
epoxy sealed
.
915 - 960 MHz
.
24 VOLTS
.
CLASS AB PUSH PULL
.
INTERNAL INPUT MATCHING
.
DESIGNED FOR HIGH POWER LINEAR
OPERATION
.
HIGH SATURATED POWER CAPABILITY
.
GOLD METALLIZATION FOR HIGH
RELIABILITY
.
DIFFUSED EMITTER BALLAST
RESISTORS
.
COMMON EMITTER CONFIGURATION
.
POUT
= 100 W MIN. WITH 7.0 dB GAIN
DESCRIPTION
The SD1680 is a gold metallized epitaxial silicon
NPN planar transistor using diffused emitter ballast
resistors for high linearity Class AB operation in
cellular base station applications.
PIN CONNECTION
BRANDING
SD1680
ORDER CODE
SD1680
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Device Current
25
A
PDISS
Power Dissipation
310
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 55 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
0.55
°C/W
SD1680
1. Collector
3. Emitter
2. Base
THERMAL DATA
November 1992
1/7


Similar Part No. - SD1680

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD1680D DCCOM-SD1680D Datasheet
291Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
More results

Similar Description - SD1680

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1414-12 STMICROELECTRONICS-SD1414-12 Datasheet
50Kb / 6P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Dec-1999
SD1414 STMICROELECTRONICS-SD1414 Datasheet
62Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz APPLICATIONS
Mar-1993
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1660 STMICROELECTRONICS-SD1660 Datasheet
75Kb / 7P
RF & MICROWAVE TRANSISTORS 800/900 MHz APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1455 ADPOW-MS1455 Datasheet
132Kb / 4P
RF & MICROWAVE TRANSISTORS 800 - 900 MHz APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
MS1453 ADPOW-MS1453 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASESTATION APPLICATIONS
MS1536 ADPOW-MS1536 Datasheet
121Kb / 4P
RF & MICROWAVE TRANSISTORS 800 / 900 MHz APPLICATIONS
SD1420-01 ADPOW-SD1420-01 Datasheet
77Kb / 3P
RF AND MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com