Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5542 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5542
Description  22-Bit, Multi-Channel DS ADC Chip Set
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5542 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5542 Datasheet HTML 12Page - Cirrus Logic CS5542 Datasheet HTML 13Page - Cirrus Logic CS5542 Datasheet HTML 14Page - Cirrus Logic CS5542 Datasheet HTML 15Page - Cirrus Logic CS5542 Datasheet HTML 16Page - Cirrus Logic CS5542 Datasheet HTML 17Page - Cirrus Logic CS5542 Datasheet HTML 18Page - Cirrus Logic CS5542 Datasheet HTML 19Page - Cirrus Logic CS5542 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
CS5542 CS5543
16
DS109PP2
provided into the CS5542. The CS5542 dual mod-
ulator is designed to allow for two possible means
of inputting the signal necessary to perform this
calibration step. The input method chosen will dic-
tate whether an ICAL Full-Scale Gain Cal or a Sys-
tem Full-Scale Gain Cal is to be performed.
At the input of the CS5542 is an ICAL pin. A cur-
rent can be sourced into this pin to provide a cali-
bration current to set the full scale point (actually
97% of the full scale value as will be discussed lat-
er) of the system. The current into the ICAL pin
will be used to calibrate the gain if the Full-Scale
Gain Cal mode (using the ICAL input) is selected.
Note that the ICAL pin on the CS5542 is shared be-
tween the two modulators. Each modulator will be
calibrated sequentially (only one of eight channels
will be active at a time during the calibration if the
ICAL Full-Scale Gain Cal mode is executed. The
CS5543 will sequentially calibrate each one of the
eight modulators associated with it. Each Gain Cal
requires 5 filter cycles; therefore 40 filter cycles
will elapse for the ICAL Full-Scale Gain Cal. At
the end of the Gain Cal, a 24-bit calibration word is
placed into the Gain Register of the CS5543.
Selection of the ICAL Full-Scale Gain Cal mode
enables the ICAL input switch (note that the normal
current input remains active and its current will be
summed with the ICAL current when using this
mode). During an ICAL Full-Scale Gain Cal cycle,
only one ICAL input is active at any one time,
therefore a single external resistor and a voltage
source can supply a current which can be used to
calibrate all eight channels associated with a single
CS5543.
Alternatively, four individual resistors
can be supplied, one for each CS5542 dual channel
ICAL input.
The magnitude of the calibration current should be
3% less than the desired full scale current. Recall
that the nominal full scale input current magnitude
is set by the size of the internal transimpedance ca-
pacitor, the clock rate, and the VREF voltage. The
output code produced by this current will be 2
21 -
2
16 -1 or approximately 97% of full scale. The
97% gain point can be calibrated with currents as
low as 40% below the nominal full scale value set
by the clock rate, cap size, and VREF voltage. It is
preferable to keep the input current for calibration
within 20% of the nominal full scale value as lower
levels of input calibration magnitude will exhibit a
slight reduction in dynamic range.
If the Full-Scale Gain Cal mode using INL (INR) is
selected, the ICAL input MUX at the front of each
CS5542 is not used. Instead, the gain is calibrated
using the current input into the INL and INR pins.
Again, the current supplied should be 3% less than
the desired full scale value. The output code due to
this current will be set to 2
21 - 216 -1 or approxi-
mately 97% of full scale.
For either gain calibration mode (ICAL or INL
(INR)) the magnitude of the input current should be
97% of the nominal full scale, but the polarity is not
important. The current can be sinked or sourced.
In either case the CS5543 will calibrate the positive
full scale point. Once calibrated, currents into the
INL or INR pins will result in a positive output
code, while currents out of the pins will yield a neg-
ative output code.
Calibration Register Readability
The CS5543 has registers which hold the digital
calibration words for each of the eight channels.
For each of the channels, there are four 24-bit reg-
isters. The Noise Cal and Gain Cal functions each
result in a 24-bit digital calibration word, whereas
the System Offset Cal function produces a 48-bit
calibration word which is split into two 24-bit reg-
isters. These registers can be read and their contents
stored into some nonvolatile storage from which
they can be recalled and reloaded if so desired.
The 48-bit Offset register contents must be read or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com