Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFP225 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # XFP225
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP225 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button XFP225 Datasheet HTML 7Page - Renesas Technology Corp XFP225 Datasheet HTML 8Page - Renesas Technology Corp XFP225 Datasheet HTML 9Page - Renesas Technology Corp XFP225 Datasheet HTML 10Page - Renesas Technology Corp XFP225 Datasheet HTML 11Page - Renesas Technology Corp XFP225 Datasheet HTML 12Page - Renesas Technology Corp XFP225 Datasheet HTML 13Page - Renesas Technology Corp XFP225 Datasheet HTML 14Page - Renesas Technology Corp XFP225 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Table 17. 1.8V AC Electrical Characteristics
VDD = 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
F
Output Frequency Range
LVDS, LVPECL, CML.
15
—
2100
MHz
HCSL.
15
—
725
Frequency Stability
Temperature = -40°C to +85°C.
—
—
±25
ppm
Temperature = -40°C to +105°C.
—
—
±50
ppm
Frequency Tolerance (25°C)
Temperature = 25°C.
—
—
±15
ppm
Aging (1st year)
TA = 25°C.
—
—
±3
ppm
Aging (10 years)
TA = 25°C.
—
—
±10
ppm
Output Load
LVDS.
Differential.
—
100
—
Ω
LVPECL, HCSL.
To GND.
—
50
—
TST
Start-up Time
Output valid time after VDD meets minimum
specified level.
—
5
—
ms
tR
Output Rise Time
LVDS.
20% – 80%,
156.25MHz
—
311
450
ps
LVPECL.
—
312
450
HCSL.
—
316
450
CML
—
313
450
tF
Output Fall Time
LVDS.
80% – 20%,
156.25MHz
—
290
450
ps
LVPECL.
—
297
450
HCSL.
—
294
450
CML
—
289
450
ODC
Output Clock Duty Cycle
LVDS.
156.25MHz
48
—
52
%
LVPECL.
156.25MHz
48
—
52
HCSL.
156.25MHz
48
—
52
CML
156.25MHz
48
—
52
TOE
Output Enable/Disable Time
—
—
—
1
—
ms
Table 18. Phase Jitter Characteristics
VDD = 3.3V, 2.5V, 1.8V ±5%, TA = -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
fJITTER Phase Jitter (12kHz – 20MHz)
250.00MHz
—
115
—
fsec
312.50MHz
—
125
—
fsec
625.00MHz
—
123
—
fsec
644.53MHz
—
120
—
fsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com