Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XFP225 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # XFP225
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP225 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button XFP225 Datasheet HTML 9Page - Renesas Technology Corp XFP225 Datasheet HTML 10Page - Renesas Technology Corp XFP225 Datasheet HTML 11Page - Renesas Technology Corp XFP225 Datasheet HTML 12Page - Renesas Technology Corp XFP225 Datasheet HTML 13Page - Renesas Technology Corp XFP225 Datasheet HTML 14Page - Renesas Technology Corp XFP225 Datasheet HTML 15Page - Renesas Technology Corp XFP225 Datasheet HTML 16Page - Renesas Technology Corp XFP225 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
The differential output is a low impedance follower output that generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be used for functionality. These outputs are designed to drive 50Ω
transmission lines. Matched impedance techniques should be used to maximize operating frequency and minimize signal distortion.
Figure 4 and Figure 5 show two different layouts which are recommended only as guidelines. Other suitable clock layouts may exist and
it would be recommended that the board designers simulate to guarantee compatibility across all printed circuit and clock component
process variations.
Figure 4. 3.3V LVPECL Output Termination
Figure 5. 3.3V LVPECL Output Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com