Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CH2CPD3 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT31CH2CPD3
Description  USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CH2CPD3 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT31CH2CPD3 Datasheet HTML 1Page - StarTech.com Ltd. DKT31CH2CPD3 Datasheet HTML 2Page - StarTech.com Ltd. DKT31CH2CPD3 Datasheet HTML 3Page - StarTech.com Ltd. DKT31CH2CPD3 Datasheet HTML 4Page - StarTech.com Ltd. DKT31CH2CPD3 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.startech.com/connectivity-tools
This product is backed for 3-years, including free lifetime 24/5 multi-lingual technical assistance.
Certifications, Reports and Compatibility
Applications
• Connects a laptop to a 4K 60Hz HDMI monitor to create a powerful workstation
• Charge a laptop and USB peripherals with USB Power Delivery 3.0, up to 100W
Features
• 6-IN-1 USB-C MULTIPORT ADAPTER: Features 4K 60Hz HDMI (HDR), 2x USB-C 3.2 Gen 2 (10Gbps), 1x USB-A
3.2 Gen 2 (10Gbps), Gigabit Ethernet, and a USB-C Port for 100W USB-C Power Delivery 3.0 Pass-Through - 4K
30Hz on DP 1.2 Alt-Mode hosts
• USB 3.2 GEN 2 HUB PLUS CHARGING: This USB-C Docking Station's 3-port 10 Gbps hub w/ charging has 2x
USB-C ports and 1x USB-A port (high draw devices may require more power) - Connect a USB-C power adapter to
enable device charging without host connection
• BUILT-IN CABLE: USB-C Mini Dock with 12" (30 cm) attached cable extends reach to reduce port/connector strain
on 2-in-1 devices: Surface Pro 7/iPad Pro/HP Elite x2/laptops on riser stands - Hideaway cable management feature
hides cable during travel
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter - 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs - up to 85W for host charging
• COMPATIBILITY: Mini dock is compatible with USB-C laptops, Ultrabooks, Chromebooks, USB4 and Thunderbolt
3/4 laptops from HP, Dell, Lenovo, MacBooks (Intel & M1 Pro/Max processors) and Surface - Works w/ Windows,
macOS, iPadOS, Android, Linux & Chrome OS
• PORTABLE & COMPACT: Portable USB Type-C laptop docking station with wraparound cable is designed for
transport in a laptop bag, convenient for on-the-go use between office, home office, shared office spaces, and
business travel
Hardware



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com