Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CH2CPD3 Datasheet (PDF) - StarTech.com Ltd.

DKT31CH2CPD3 Datasheet PDF - StarTech.com Ltd.
Part # DKT31CH2CPD3
Download  DKT31CH2CPD3 Download
File Size   125.83 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station

DKT31CH2CPD3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT31CH2CPD3 Datasheet PDF - StarTech.com Ltd.

Part # DKT31CH2CPD3
Download  DKT31CH2CPD3 Click to download

File Size   125.83 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station

DKT31CH2CPD3 Datasheet (HTML) - StarTech.com Ltd.


DKT31CH2CPD3 Product details

Features
• 6-IN-1 USB-C MULTIPORT ADAPTER: Features 4K 60Hz HDMI (HDR), 2x USB-C 3.2 Gen 2 (10Gbps), 1x USB-A
3.2 Gen 2 (10Gbps), Gigabit Ethernet, and a USB-C Port for 100W USB-C Power Delivery 3.0 Pass-Through - 4K
30Hz on DP 1.2 Alt-Mode hosts
• USB 3.2 GEN 2 HUB PLUS CHARGING: This USB-C Docking Station's 3-port 10 Gbps hub w/ charging has 2x
USB-C ports and 1x USB-A port (high draw devices may require more power) - Connect a USB-C power adapter to
enable device charging without host connection
• BUILT-IN CABLE: USB-C Mini Dock with 12" (30 cm) attached cable extends reach to reduce port/connector strain
on 2-in-1 devices: Surface Pro 7/iPad Pro/HP Elite x2/laptops on riser stands - Hideaway cable management feature
hides cable during travel
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter - 100W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs - up to 85W for host charging
• COMPATIBILITY: Mini dock is compatible with USB-C laptops, Ultrabooks, Chromebooks, USB4 and Thunderbolt
3/4 laptops from HP, Dell, Lenovo, MacBooks (Intel & M1 Pro/Max processors) and Surface - Works w/ Windows,
macOS, iPadOS, Android, Linux & Chrome OS
• PORTABLE & COMPACT: Portable USB Type-C laptop docking station with wraparound cable is designed for
transport in a laptop bag, convenient for on-the-go use between office, home office, shared office spaces, and
business travel




Similar Part No. - DKT31CH2CPD3

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CHDVCM STARTECH-DKT31CHDVCM Datasheet
149Kb / 5P
USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
DKT31CHVL STARTECH-DKT31CHVL Datasheet
155Kb / 5P
USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
More results


Similar Description - DKT31CH2CPD3

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-T6N-H4GUBC TRIPPLITE-U444-T6N-H4GUBC Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Ultra 4K HDMI, Gigabit Ethernet & USB-A Hub Port, Black
U444-T6N-H4UBC TRIPPLITE-U444-T6N-H4UBC Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, Ultra 4K HDMI & USB-A Hub Port, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U442-DOCK8-GG TRIPPLITE-U442-DOCK8-GG Datasheet
176Kb / 4P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, Memory Card, 100W PD Charging, Gray
U442-DOCK8G-GG TRIPPLITE-U442-DOCK8G-GG Datasheet
179Kb / 5P
USB-C Dock, Dual Display - 4K 60 Hz HDMI, USB 3.2 Gen 1, USB-A Hub, GbE, Memory Card, 100W PD Charging, Gray
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com