Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHVL Datasheet (PDF) - StarTech.com Ltd.

DKT31CHVL Datasheet PDF - StarTech.com Ltd.
Part # DKT31CHVL
Download  DKT31CHVL Download
File Size   155.71 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3

DKT31CHVL Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT31CHVL Datasheet PDF - StarTech.com Ltd.

Part # DKT31CHVL
Download  DKT31CHVL Click to download

File Size   155.71 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3

DKT31CHVL Datasheet (HTML) - StarTech.com Ltd.


DKT31CHVL Product details

Applications
• Leverage the USB-C port on your laptop or tablet to expand your connectivity to other interfaces, such as HDMI and
Gigabit Ethernet
• Connect your laptop to a projector and enjoy multimedia content at home, or display engaging presentations in
boardrooms and classrooms
• Use an HDMI port-equipped television in a hotel room as an external display when traveling
• Connect your laptop to wired Gigabit Internet, in locations where Wi-Fi isn't available

Features
• REPLACEMENT FOR DKT30CHV: New version offers same port functionality as DKT30CHV, plus 10Gbps USB-C
speed, additional USB-C port & extra-long 12" (29cm) attached cable
• ESSENTIAL PORT FUNCTIONAILTY: USB C multiport adapter w/ 4K 30Hz HDMI OR 1080p VGA video, 1x USB-A
& 1x USB-C (USB 3.1 Gen 2 10Gbps Hub), Gigabit Ethernet; backwards compatible w/USB 3.1 Gen 1 laptops
• IDEAL FOR PRESENTATIONS: USB C travel dock with both VGA & HDMI video, this multiport adapter connects to
conference room or classroom monitor or projector with a USB-C laptop, tablet and smartphone
• EXTRA LONG CABLE: Mini dock w/ 1ft (29cm) cable for easy setup & to reduce connector strain on 2-in-1 devices
like Surface Pro 7, iPad Pro, HP Elite X2 or laptops on riser stands like Lenovo X1 Carbon
• WIDE DEVICE COMPATIBILITY: USB-C and Thunderbolt 3 laptops, Ultrabooks, USB-C Chromebook, tablets and
phones for brands such as HP, Dell, Lenovo, MacBooks, iPad Pro, Surface, Samsung and Google
• WIDE OS COMPATIBILITY & EASY SETUP: Portable USB 3.1 Gen 2 Type-C multiport adapter features automatic
driver installation & supports Windows, macOS, Chrome OS, iPadOS and Android




Similar Part No. - DKT31CHVL

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CH2CPD3 STARTECH-DKT31CH2CPD3 Datasheet
125Kb / 5P
USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
DKT31CHDVCM STARTECH-DKT31CHDVCM Datasheet
149Kb / 5P
USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
More results


Similar Description - DKT31CHVL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGUB-C TRIPPLITE-U444-06N-VGUB-C Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to VGA Adapter with USB-A, USB-C PD Charging & Gigabit Ethernet, Thunderbolt 3 Compatible, 1080p, Black
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U444-06N-VB-AM TRIPPLITE-U444-06N-VB-AM Datasheet
165Kb / 3P
USB-C to VGA Adapter, Thunderbolt 3 - M/F, USB 3.1, 1080p, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
MTB3-DOCK-02 TRIPPLITE-MTB3-DOCK-02 Datasheet
186Kb / 5P
Thunderbolt 3 Dock, Dual Display - 4K 60 Hz, UHD, HDMI, DP, VGA, USB 3.2 Gen 1, USB-A/C Hub, GbE
MTB3-DOCK-03 TRIPPLITE-MTB3-DOCK-03 Datasheet
190Kb / 6P
Thunderbolt 3 Dock w USB-C Compatibility, Dual Display - 8K DisplayPort, USB 3.2 Gen 2 10G, USB-A/C Hub, Memory Card, GbE, 60W Charging
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com