Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHDVCM Datasheet (PDF) - StarTech.com Ltd.

DKT31CHDVCM Datasheet PDF - StarTech.com Ltd.
Part # DKT31CHDVCM
Download  DKT31CHDVCM Download
File Size   149.0 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station

DKT31CHDVCM Datasheet (PDF)

Go To PDF Page Download Datasheet
DKT31CHDVCM Datasheet PDF - StarTech.com Ltd.

Part # DKT31CHDVCM
Download  DKT31CHDVCM Click to download

File Size   149.0 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station

DKT31CHDVCM Datasheet (HTML) - StarTech.com Ltd.


DKT31CHDVCM Product details

Features
• HIGH PERFORMANCE MINI DOCK: Compact USB-C mobile adapter (USB 3.1 Gen 2 10Gbps); connect a single
display with three video output options: DisplayPort or HDMI up to 4K 60Hz with HDR (requires DP 1.4 Alt Mode
Source) or up to 1080p with VGA
• 4K 60HZ WITH DP 1.4 ALT-MODE: 4K 60Hz on hosts that support DP 1.4 Alt-Mode and HBR3 w/ DSC enabled
laptops (min. Intel 11th Gen) or up to 4K 30Hz resolution on host devices that support DP 1.2 Alt-Mode
• BUILT-IN USB HUB: This USB C multiport adapter features an integrated USB 3.2/3.1 Gen 2 hub with 2x USB-A
and 1x USB-C downstream ports supporting speeds up to 10 Gbps; includes a gigabit Ethernet port
• EXTRA LONG CABLE: 10" (24cm) attached cable for extended reach to reduce port strain on 2-in-1's like iPad Pro
& Surface Pro 7; USB C multiport adapter with wraparound cable for office, travel & home
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 75W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 60W for laptop charging
• WIDE COMPATIBILITY: A portable dock for USB-C ultrabooks, Chromebooks, tablets & Thunderbolt 3 laptops like
HP, Dell, Lenovo, MacBooks (Intel processor & M1 chip), iPad Pro; works w/ Windows, macOS, iPadOS, Chrome
OS, Android
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities




Similar Part No. - DKT31CHDVCM

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CH2CPD3 STARTECH-DKT31CH2CPD3 Datasheet
125Kb / 5P
USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
DKT31CHVL STARTECH-DKT31CHVL Datasheet
155Kb / 5P
USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
More results


Similar Description - DKT31CHDVCM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U444-T6N-VUBC TRIPPLITE-U444-T6N-VUBC Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, VGA & USB-A Hub Port, 1080p, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U444-06N-H4K6WC TRIPPLITE-U444-06N-H4K6WC Datasheet
162Kb / 3P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 60Hz - HDMI with PD Charging, Thunderbolt 3 Compatible, White
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com