Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHDVCM Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # DKT31CHDVCM
Description  USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHDVCM Datasheet(HTML) 4 Page - StarTech.com Ltd.

  DKT31CHDVCM Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type and Rate
USB 3.2 Gen 2 - 10 Gbit/s
Connector(s)
Connector Type(s)
1 - HDMI
1 - DisplayPort
1 - VGA (15 pin, High Density D-Sub)
1 - Ethernet Gigabit
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
2 - USB 3.2 Type-A (9 pin, Gen 2, 10Gbps)
Host Connectors
1 - USB 3.2 USB Type C (10 pin, Gen 2, 10 Gbps)
Software
OS Compatibility
Windows 11, Windows 10, Windows 8.1, macOS Sierra (10.12),
macOS High Sierra (10.13), macOS Mojave (10.14), macOS
Catalina (10.15), macOS Big Sur (11.0)
macOS Monterey (12.0)
Chrome OS 69.x, Android OS 9.x, iPadOS
Special Notes /
Requirements
System and Cable
Requirements
Host laptop with an available USB-C port (to ensure full
functionality, the laptop's USB-C port must support DP alt mode).
Environmental
Operating Temperature
0 to 50C
Storage Temperature
-20 to 70C
Humidity
0% to 95%(non-condensing) at 25C
Physical
Characteristics
Color
Black & Gray
Material
Plastic
Product Length
3.5 in [9.0 cm]
Product Width
3.5 in [9.0 cm]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com