Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHDVCM Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT31CHDVCM
Description  USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHDVCM Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT31CHDVCM Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
In addition to the video outputs, the portable USB-C dock gives you two 10Gbps USB-A ports and one 10Gbps
USB-C port to connect the latest and legacy USB devices. The adapter also integrates a Gigabit Ethernet port to
access a wired network.
Developed to improve performance and security, StarTech.com Connectivity Tools is the only software suite on the
market that works with a wide range of IT connectivity accessories. The software suite includes:
Advanced Windows Layout Utility: To setup and save custom windows layouts.
Mac Address Pass-Through Utility: To improve network security.
USB Event Monitoring Utility: To track and log connected USB devices
Wi-Fi Auto Switch Utility: Enabling users to quickly access faster network speeds via wired LAN.
For more information and to download the StarTech.com Connectivity Tools application, please visit:
www.StarTech.com/Connectivity-Tools
Certifications, Reports and Compatibility
Applications
Features
• HIGH PERFORMANCE MINI DOCK: Compact USB-C mobile adapter (USB 3.1 Gen 2 10Gbps); connect a single
display with three video output options: DisplayPort or HDMI up to 4K 60Hz with HDR (requires DP 1.4 Alt Mode
Source) or up to 1080p with VGA
• 4K 60HZ WITH DP 1.4 ALT-MODE: 4K 60Hz on hosts that support DP 1.4 Alt-Mode and HBR3 w/ DSC enabled
laptops (min. Intel 11th Gen) or up to 4K 30Hz resolution on host devices that support DP 1.2 Alt-Mode
• BUILT-IN USB HUB: This USB C multiport adapter features an integrated USB 3.2/3.1 Gen 2 hub with 2x USB-A
and 1x USB-C downstream ports supporting speeds up to 10 Gbps; includes a gigabit Ethernet port
• EXTRA LONG CABLE: 10" (24cm) attached cable for extended reach to reduce port strain on 2-in-1's like iPad Pro
& Surface Pro 7; USB C multiport adapter with wraparound cable for office, travel & home



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com