Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHDVCM Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DKT31CHDVCM
Description  USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHDVCM Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DKT31CHDVCM Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 75W Power Delivery 3.0
pass through w/ 15W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 60W for laptop charging
• WIDE COMPATIBILITY: A portable dock for USB-C ultrabooks, Chromebooks, tablets & Thunderbolt 3 laptops like
HP, Dell, Lenovo, MacBooks (Intel processor & M1 chip), iPad Pro; works w/ Windows, macOS, iPadOS, Chrome
OS, Android
• CONNECTIVITY TOOLS: Provided with this device, the application improves performance and security, featuring
MAC Address Changer, USB Event Monitoring, Windows Layout & Wi-Fi Auto Switch utilities
Hardware
Warranty
3 Years
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
6
Audio
No
Interface
USB 3.2 Gen 2 - 10 Gbit/s
Bus Type
USB 3.2 Gen 2
USB Pass-Through
Yes
Industry Standards
1 Gigabit connectivity to any 1000Base-T device (IEEE802.3ab
Compliant), 100 Megabit connectivity to any 100Base-TX device
(IEEE802.3u Compliant), 10 Megabit connectivity to any
10Base-T device (IEEE802.3i Compliant)
Chipset ID
Genesys Logic GL9510
Genesys Logic GL3590
Realtek RTL8153
Realtek RTD2142
Performance
Maximum Data Transfer
Rate
10 Gbps
Maximum Digital
Resolutions
4K 60Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com