Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DKT31CHDVCM Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT31CHDVCM
Description  USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking Station
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT31CHDVCM Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT31CHDVCM Datasheet HTML 1Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 2Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 3Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 4Page - StarTech.com Ltd. DKT31CHDVCM Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB C Multiport Adapter - USB 3.1 Gen 2 10Gbps Type-C Mini Dock with 4K 60Hz
HDMI/DisplayPort or 1080p VGA - 75W PD Passthrough, 3-Port USB Hub, GbE - Mobile Docking
Station
Product ID: DKT31CHDVCM
This USB-C Gen 2 10Gbps multiport adapter, with backward USB-C laptop compatibility, turns your USB-C or
Thunderbolt 3 Windows laptop, MacBook Pro, iPad Pro, Surface, Chromebook, or Android tablet into a workstation,
anywhere you go. The USB 3.2 Gen 2 Type-C hub adapter features a unique portable, circular design and all of the
essential connections
• HDMI, DisplayPort, VGA video options
• 10Gbps USB-C & USB-A peripheral ports
• Attached 24cm (10 in) USB-C host cable
This USB-C multiport adapter features HDMI, DisplayPort, and VGA ports providing you with three single video
output options for your workstation setup or boardroom presentations including support for an ultra-wide monitor.
• HDMI (Up to 4K 60Hz with DP 1.4 and HDMI 2.0 HDR)
• DisplayPort (Up to 4K 60Hz with DP 1.4)
• VGA (Up to 1080p)
The USB-C travel dock features a compact circular design and an attached extended length 24cm (10 in.) host cable,
accommodating a wide variety of setups. Bus-powered for most applications, there's no need to carry around a
separate bulky power adapter. If extra power required, you can use your external USB-C laptop power adapter with
support for up to 75W Power Delivery pass-through (15W for docking station & rest for charging).
Installation is fast and simple, with native support in most operating systems, and at only 7 ounces (198 g) and taking
up less space than your smartphone, this dock easily fits in your laptop bag or briefcase with a convenient
wraparound cable.


Similar Part No. - DKT31CHDVCM

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT31CH2CPD3 STARTECH-DKT31CH2CPD3 Datasheet
125Kb / 5P
USB-C Multiport Adapter, 4K 60Hz HDMI 2.0b, HDR, USB 3.2 Gen 2 10Gbps Hub (2xUSB-C,1xUSB-A), 100W PD Pass-Through, Mini Travel Dock, 12"/30cm Cable, Laptop Docking Station
DKT31CHPD3 STARTECH-DKT31CHPD3 Datasheet
149Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through - 3-Port 10Gbps USB Hub - Portable USB Type-C Mini Docking Station - 10" (25cm) Cable
DKT31CHPDL STARTECH-DKT31CHPDL Datasheet
61Kb / 4P
USB C Multiport Adapter - 10Gbps USB Type-C Mini Dock with 4K 30Hz HDMI - 100W Power Delivery Passthrough - 3-Port USB Hub, GbE - USB 3.1/3.2 Gen 2 Laptop Dock - 10" Cable
DKT31CHVL STARTECH-DKT31CHVL Datasheet
155Kb / 5P
USB-C Multiport Adapter - USB 3.1 Gen 2 Type-C Mini Dock - USB-C to 4K HDMI or 1080p VGA Video - 10Gbps USB-A USB-C, GbE - Portable Travel Laptop Dock - Works w/Thunderbolt 3
More results

Similar Description - DKT31CHDVCM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-HV4GUB TRIPPLITE-U444-06N-HV4GUB Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 30Hz - HDMI, VGA, USB-A Hub Port and Gigabit Ethernet, Black
U444-T6N-VUBC TRIPPLITE-U444-T6N-VUBC Datasheet
166Kb / 3P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, VGA & USB-A Hub Port, 1080p, Black
U442-DOCK6-GY TRIPPLITE-U442-DOCK6-GY Datasheet
165Kb / 4P
USB-C Portable Docking Station - HDMI 4K @ 30Hz, VGA, USB-A/USB-C, GbE, PD Charging 3.0, Gray
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U444-06N-H4K6WC TRIPPLITE-U444-06N-H4K6WC Datasheet
162Kb / 3P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 60Hz - HDMI with PD Charging, Thunderbolt 3 Compatible, White
U442-DOCK1-B TRIPPLITE-U442-DOCK1-B Datasheet
182Kb / 4P
USB-C Laptop Docking Station with mDP, HDMI, VGA, GbE, 4K @ 30Hz, Thunderbolt 3 - USB-A, PD Charging, Black
U442-DOCK3-B TRIPPLITE-U442-DOCK3-B Datasheet
164Kb / 4P
USB-C Laptop Docking Station - HDMI, VGA, GbE, 4K @ 30 Hz, Thunderbolt 3, USB-A, USB-C, PD Charging 3.0, Black
U442-DOCK4-S TRIPPLITE-U442-DOCK4-S Datasheet
168Kb / 4P
USB Type-C Docking Station, HDMI, VGA, DisplayPort, USB-A/C, GbE, 100W PD Charging, 4K @ 30 Hz, Thunderbolt 3, Silver
U442-DOCK8-BINT TRIPPLITE-U442-DOCK8-BINT Datasheet
55Kb / 6P
USB-C Dock, Triple Display - 4K 60 Hz HDMI/DisplayPort, USB 3.2 Gen 2, USB-A/USB-C Hub, GbE, 85W PD Charging, EU/UK Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com