Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40M60CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS40M60CT
Description  Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS40M60CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS40M60CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS40M60CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifiers
STPS40M60CT
www.iscsemi.com
1
FEATURES
· High current capability
· Low forward voltage drop
· Low leakage current
APPLICATIONS
· Switch mode power supply
· Notebook & desktop adapters
· DC-DC converter
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak repetitive Reverse voltage
60
V
IF(AV)
Average forward current,σ=0.5
TC=130℃,Per diode
20
A
TC=120℃,Per device
40
A
IF(RMS)
Forward rms current
30
A
IFSM
Surge non repetitive forward current,10ms,sinusoidal
220
A
TJ
Junction temperature
150
℃
Tstg
storage temperature
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
Per diode
1.40
℃
/W
Total
0.95


Similar Part No. - STPS40M60CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
131Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
STPS40M60CT STMICROELECTRONICS-STPS40M60CT Datasheet
130Kb / 10P
High efficiency 60 V power Schottky rectifier
11-May-2011
More results

Similar Description - STPS40M60CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com