Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TIP29
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP29 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TIP29 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Silicon NPN Power Transistor
TIP29/A/B/C
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
TIP29
IC= 10mA; IE= 0
40
--
V
TIP29A
60
--
TIP29B
80
--
TIP29C
100
--
ICEO
Collector Cutoff Current
TIP29
VCB= 30V ; IB= 0
--
0.3
mA
TIP29A
TIP29B
VCB= 60V ; IB= 0
--
0.3
mA
TIP29C
ICES
Collector Cutoff Current
TIP29
VCE= 40V ;VEB= 0V
--
200
μA
TIP29A
VCE= 60V ;VEB= 0V
--
200
TIP29B
VCE= 80V ;VEB= 0V
--
200
TIP29C
VCE=100V ;VEB= 0V
--
200
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
--
1.0
mA
hFE-1
DC Current Gain
IC= 0.2A; VCE= 4V
40
--
--
hFE-2
DC Current Gain
IC= 1.0A; VCE=4V
15
75
--
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1.0A; IB= 125mA
--
0.7
V
VBE(on)
Base-Emitter on Voltage
IC= 1.0A; VCE= 4V
--
1.3
V
fT
Current-Gain—Bandwidth Product
IC= 0.2A ; VCE= 10V; f= 1MHz
3
--
MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com