Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP29
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP29 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP29 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 2Page - Inchange Semiconductor Company Limited TIP29 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Silicon NPN Power Transistor
TIP29/A/B/C
www.iscsemi.com
1
DESCRIPTION
· Low saturation voltage
· Complementary with TIP30/A/B/C
APPLICATIONS
· Power amplifiers
· Relay and lamp load drivers
· Low voltage switching circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBO
L
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
TIP29
40
V
TIP29A
60
TIP29B
80
TIP29C
100
VCEO
Collector-Base Voltage
TIP29
40
V
TIP29A
60
TIP29B
80
TIP29C
100
VEBO
Emitter-Base voltage
5
V
IC
Collector Current-Continuous
1.0
A
ICM
Collector Current-Peak
3.0
A
IB
Base Current-Continuous
0.4
A
PC
Collector Power Dissipation
TC=25°C
30
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - TIP29

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29 MOSPEC-TIP29 Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Power Innovations Ltd
TIP29 POINN-TIP29 Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29 TRSYS-TIP29 Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
TIP29 FAIRCHILD-TIP29 Datasheet
39Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
More results

Similar Description - TIP29

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com