Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV640RG Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TPDV640RG
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TPDV640RG Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TPDV640RG Datasheet HTML 1Page - Inchange Semiconductor Company Limited TPDV640RG Datasheet HTML 2Page - Inchange Semiconductor Company Limited TPDV640RG Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc
Thyristor
TPDV640RG
www.iscsemi.com
2
RθJC
Thermal Resistance, Junction−to−Case,DC
1.2
℃
/W
VINS(RMS) Insulation rms voltage
2500
V
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM
--
20
uA
IDRM
Repetitive peak off-state current
VD=VDRM
--
20
uA
IGT
Gate trigger current:I-II-III,VD= 12V,RL=33Ω
--
200
mA
VGT
Gate trigger voltage:I-II-III,VD= 12V,RL=33Ω
--
1.5
V
IH
Holding current,IT=0.5A,Gate open(TYP)
--
55
mA
VT
on-state voltage
IT=56A,tp=380us
--
1.8
V
PACKAGE OUTLINE
Dimensions in mm
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.ISC products are intended for usage in general electronic equipment. The products are not
designed for use in equipment which require specialized quality and/or reliability, or in equipment which
could have applications in hazardous environments, aerospace industry, or medical field. Please contact
us if you intend our products to be used in these special applications.ISC makes no warranty or
guarantee regarding the suitability of its products for any particular purpose, nor does ISC assume any



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com