Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV640RG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TPDV640RG
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TPDV640RG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TPDV640RG Datasheet HTML 1Page - Inchange Semiconductor Company Limited TPDV640RG Datasheet HTML 2Page - Inchange Semiconductor Company Limited TPDV640RG Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc
Thyristor
TPDV640RG
www.iscsemi.com
1
FEATURES
·
Very high commutation capability
·
High surge current handling
APPLICATIONS
·
Motor starters
·
Heating systems
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
On-state rms current (180° conduction angle),TC=75℃
40
A
ITSM
Non repetitive surge peak on-state
Current,TJ=25℃
tp=8.3ms
370
A
tp=10ms
350
A
I2t
I2t value for fusing,tp=10ms,TJ=25℃
610
A2S
PG(AV)
Average gate power dissipation
1.0
W
PGM
Peak gate power dissipation,tp=20us
40
W
IGM
Peak gate current,tp=20us
8
A
Tj
junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
dV/dt
VD=2/3VDRM Gate Open,TJ =125℃
500
V/us
di/dt
Critical rate of rise of on-state current,
IG = 500 mA; dlG/dt =1A/µs
Repetitive F= 50 Hz
20
A/us
Non repetitive
100
A/us


Similar Part No. - TPDV640RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPDV640RG STMICROELECTRONICS-TPDV640RG Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results

Similar Description - TPDV640RG

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
logo
Inchange Semiconductor ...
CR12PM-12B-IST4003 ISC-CR12PM-12B-IST4003 Datasheet
297Kb / 2P
ISC Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com