Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF600E Datasheet(PDF) 24 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 24 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 16Page - rfsolutions.ltd RF600E Datasheet HTML 17Page - rfsolutions.ltd RF600E Datasheet HTML 18Page - rfsolutions.ltd RF600E Datasheet HTML 19Page - rfsolutions.ltd RF600E Datasheet HTML 20Page - rfsolutions.ltd RF600E Datasheet HTML 21Page - rfsolutions.ltd RF600E Datasheet HTML 22Page - rfsolutions.ltd RF600E Datasheet HTML 23Page - rfsolutions.ltd RF600E Datasheet HTML 24Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Select OK.
HyperTerminal is now configured correctly for use with the RF600E/RF600D chip set.
Application Example : Leisure Centre Access Control
A Leisure Centre uses an electric gate access control to its members.
Each Leisure Centre
Member is provided with a keyfob and when entering the centre, uses the keyfob to open the gate.
The SA123 is contained within the gatehouse and provides the serial data output of each keyfob
accessing the system. This data is used by the Leisure centre to provide information as to which
member is entering the centre and at what time of day.
Technical Specifications
Dimensions
174 x 106mm
Electrical Characteristics
Min
Typical
Max
Units
Supply Voltage
11.0
12.0
16
V
Supply Current
25
mA
Time from Encoder Switch depressed to Decoder output
100
mSecs
Time from Encoder Switch release to Decoder output
300
mSecs
Ordering Information
Part Number
Description
RFEVAL2-315R1
Evaluation Kit including all components to operate 315MHz
RFEVAL2-433R2
Evaluation Kit including all components to operate 433MHz
RFEVAL3-R1
Evaluation Kit PCB Assemvbly only (includes all circuitry except RF Modules,
antenna)
PSU12V1AIN
Power Supply Unit 110-240Vac input, 12V 1A output
** Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com