Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF600E Datasheet(PDF) 12 Page - rfsolutions.ltd

Part # RF600E
Description  RF / IR Encoder / Decoder Chipset RF Evaluation Boards
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600E Datasheet(HTML) 12 Page - rfsolutions.ltd

Back Button RF600E Datasheet HTML 8Page - rfsolutions.ltd RF600E Datasheet HTML 9Page - rfsolutions.ltd RF600E Datasheet HTML 10Page - rfsolutions.ltd RF600E Datasheet HTML 11Page - rfsolutions.ltd RF600E Datasheet HTML 12Page - rfsolutions.ltd RF600E Datasheet HTML 13Page - rfsolutions.ltd RF600E Datasheet HTML 14Page - rfsolutions.ltd RF600E Datasheet HTML 15Page - rfsolutions.ltd RF600E Datasheet HTML 16Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
RF / IR Encoder / Decoder Chipset
RF600E
RF Evaluation Boards,
RF600D
Ordering Information
Part Number
Description
Package
RF600E
Encoder IC
8pin PDIP
RF600E-SO
Encoder IC
8pin SO-8
RF600DR6
Decoder IC
18pin PDIP
RF600DR6-SO
Decoder IC
18pin SO-8
RF600D8R6
Decoder IC Serial output only
8pin PDIP
RF600D-SO8R6
Decoder IC Serial Output only
8pin SO-8
RF600DP8 / RF600DS8
The Decoder is available as a miniature 8 pin version option providing a serial data output only. These
devices are designed for small space applications requiring a low cost solution.
SD
NC
Vdd
IN
RF600D8
RF600D 8 Pin version
8
7
6
5
MD
NC
Vss
2
3
4
1
NC
Pin Descriptions
Pin
Number
Name
Input /
Output?
Description
1
Vcc
In
Positive supply voltage connection
2
SD
Out
Serial Data output
3
NC
-
No connection
4
IN
In
RF / IR Data input
5
NC
-
No connection
6
MS
Input
Mark Select
For FM / IR connect to Vcc
For AM connect to Gnd
7
NC
-
No connection
8
Vss
In
Connect to GND
DS600-9 Sept ‘04
©2004 Reg. No. 227 4001, ENGLAND
Page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com