Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIDSMM2M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DVIDSMM2M
Description  2m DVI-D Single Link Cable - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DVIDSMM2M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DVIDSMM2M Datasheet HTML 1Page - StarTech.com Ltd. DVIDSMM2M Datasheet HTML 2Page - StarTech.com Ltd. DVIDSMM2M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2m DVI-D Single Link Cable - M/M
Product ID: DVIDSMM2M
The DVIDSMM2M DVI-D Single Link cable features 2 male DVI (19-pin) connectors and provides a reliable, purely
digital connection between your desktop or laptop computer and a DVI-D monitor or projector.
The 2m DVI-D male to male cable supports resolutions of up to 1920x1200 and transmission rates of up to 4.95
Gbits/sec, and is fully compliant with DVI DDWG standards.
Designed and constructed for maximum durability, this high quality digital video cable is backed by StarTech.com's
Lifetime Warranty.
Certifications, Reports and Compatibility
Applications
• Connect your desktop or laptop computer to a DVI-D Single Link display or projector
Features
• Supports resolutions up to 1920x1200
• High-speed digital transmission rate of up to 4.95 Gbits/sec
• Aluminum-mylar foil with braided shielding


Similar Part No. - DVIDSMM2M

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DVIDS-RA-0.5M L-COM-DVIDS-RA-0.5M Datasheet
108Kb / 1P
CBL DVI-D SL RA
11/17/11
DVIDS-RA-0.5M L-COM-DVIDS-RA-0.5M Datasheet
108Kb / 1P
CBL DVI-D SL RA
11/17/11
DVIDS-RA-0.5M L-COM-DVIDS-RA-0.5M Datasheet
108Kb / 1P
CBL DVI-D SL RA
11/17/11
DVIDS-RA-1 L-COM-DVIDS-RA-1 Datasheet
107Kb / 1P
CBL DVI-D SL RA
2/22/11
DVIDS-RA-1 L-COM-DVIDS-RA-1 Datasheet
107Kb / 1P
CBL DVI-D SL RA
2/22/11
More results

Similar Description - DVIDSMM2M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P561003 TRIPPLITE-P561003 Datasheet
495Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 3-ft
P561006 TRIPPLITE-P561006 Datasheet
497Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 6-ft
P561010 TRIPPLITE-P561010 Datasheet
498Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 10-ft
P561050 TRIPPLITE-P561050 Datasheet
499Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M-M), 50-ft
P561-003 TRIPPLITE-P561-003 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 3-ft.
P561-006 TRIPPLITE-P561-006 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 6-ft.
P561-010 TRIPPLITE-P561-010 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 10-ft.
P561-015 TRIPPLITE-P561-015 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 15-ft.
P561-18N TRIPPLITE-P561-18N Datasheet
168Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 18-in.
P561-025 TRIPPLITE-P561-025 Datasheet
165Kb / 2P
DVI Single Link Cable, Digital TMDS Monitor Cable (DVI-D M/M), 25-ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com