Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVIDSMM2M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DVIDSMM2M
Description  2m DVI-D Single Link Cable - M/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DVIDSMM2M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DVIDSMM2M Datasheet HTML 1Page - StarTech.com Ltd. DVIDSMM2M Datasheet HTML 2Page - StarTech.com Ltd. DVIDSMM2M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Supports hot-plugging of DVI display devices
• Compliant with DVI DDWG Standards
Hardware
Warranty
Lifetime
Connector Plating
Nickel
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Industry Standards
DVI DDWG Standard
Connector(s)
Connector A
1 - DVI-D (19 pin)
Connector B
1 - DVI-D (19 pin)
Physical
Characteristics
Color
Black
Connector Style
Straight
Wire Gauge
28 AWG
Cable Length
6.6 ft [2 m]
Product Length
6.6 ft [2.0 m]
Product Width
0.2 in [5.0 mm]
Product Height
0.2 in [5.0 mm]
Weight of Product
8.1 oz [230.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]
Package Height
0.9 in [2.2 cm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com