Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST448 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST448
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST448 Datasheet(HTML) 2 Page - STMicroelectronics

  ST448 Datasheet HTML 1Page - STMicroelectronics ST448 Datasheet HTML 2Page - STMicroelectronics ST448 Datasheet HTML 3Page - STMicroelectronics ST448 Datasheet HTML 4Page - STMicroelectronics ST448 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL SPECIFICATIONS
S ym bol
Te s t Conditio ns
Va lu e
Un it
Min .
Typ.
Ma x.
POUT
f
= 30 MHz
VCC
= 50 V
ICQ
= 150 mA
250
—
—
W
GP*
P OUT
= 250 W P E P
VCC
= 50 V
ICQ
= 150 mA
12
—
—
dB
IMD*
P OUT
= 250 W P E P
VCC
= 50 V
ICQ
= 150 mA
——
−30
dBc
ηc*
P OUT
= 250 W P E P
VCC
= 50 V
ICQ
= 150 mA
40
45
—
%
COB
f
= 1 MHz
VCB
= 50 V
—270
—
pf
Note:
*f1
= 30.00 MHz, f
2
= 30.001 MHz
STATIC (Tcase
= 25°C)
S ym bol
Te s t Conditio ns
Va lu e
Un it
Min .
Typ .
Ma x.
BVCBO
IC
= 200 mA
IE
= 0mA
110
—
—
V
BVCEO
IC
= 200 mA
IB
= 0mA
55
—
—
V
BVEBO
IE
= 20 mA
IC
= 0mA
4.0
—
—
V
ICEO
VCE
= 30 V
IB
= 0mA
——
5
mA
ICES
VCE
= 55 V
VBE
= 0V
—
—
10
mA
hFE
VCE
= 6V
IC
= 10 A
5
—
20
—
DYNAMIC (Theatsink
= 25°C)
SD1731-14 (ST448)
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com