Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST448 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST448
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST448 Datasheet(HTML) 3 Page - STMicroelectronics

  ST448 Datasheet HTML 1Page - STMicroelectronics ST448 Datasheet HTML 2Page - STMicroelectronics ST448 Datasheet HTML 3Page - STMicroelectronics ST448 Datasheet HTML 4Page - STMicroelectronics ST448 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TEST CIRCUIT
C1
:
Arco 426 + 220pF + 330pF Chips
C2
:
2 x 10nF Chips
C3
:
Arco 4615 + 2.2nF + 2 x 1nF LCC + 4.7nF +
560pf Chps
C4
:
Arco 4213 + 330pF Chip
C5
:
10nF Chip
C6
:
3 x 10nF Chips
C7, C8, C9,
C10, C11
:1nF + 10nF + 100nF + 4.7
µF, 63V + 100µF, 63V
L1
:
3 Turns of 1.2mm Unenameled Wire Diameter,
7.1mm, Length 13mm
L2, L3
:8 Turns of 0.55mm Enameled Wire on Ferrite Core
Phillips 4C6 97170 (9 x 6 x 3)
L4 : 10 Turns of 1.2mm Enameled Wire, Diameter
8.1mm, Length 20mm
L5 : 7 Turns of 1.2mm Enameled Wire on Ferrite Core
Phillips 4C6 97180
T1 : 6:3.5 Impedance Transformer on toriod Phillips
4C6 97180
T2 : Twisted Pair 4:1 Transformer, 4 Turns Made with
1.0mm Enameled on toriod Phillips 4C6 97180
T3 : Feedback Transformer
Primary: 2 Turns of 1mm Enameled Wire
Secondary: 8 Turns of 1mm Enameled Wire
T4 : Twisted Pair 4:1 Transformer, 4 Turns of bifilar Twisted
1.2mm Wires on Ferrite Core Phillips 4C6 97200
SD1731-14 (ST448)
3/ 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com