Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1732 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD1732
Description  RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1732 Datasheet(HTML) 2 Page - STMicroelectronics

  SD1732 Datasheet HTML 1Page - STMicroelectronics SD1732 Datasheet HTML 2Page - STMicroelectronics SD1732 Datasheet HTML 3Page - STMicroelectronics SD1732 Datasheet HTML 4Page - STMicroelectronics SD1732 Datasheet HTML 5Page - STMicroelectronics SD1732 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Uni t
Min.
Typ.
Max.
POUT
f
= 845 MHz
VCE
= 25 V
ICQ
= 2x 850 mA
14
—
—
W
GP
POUT
= 14 W
VCE
= 25 V
ICQ
= 2 x 850 mA
8.5
—
—
dB
IMD3*POUT
= 14 W
VCE
= 25 V
ICQ
= 2x 850 mA
—
−47
—
dBc
CMD**
POUT
= 14 W
VCE
= 25 V
ICQ
= 2 x 850 mA
—
20
—
%
COB
f
= 1 MHz
VCB
= 25 V
—
—
20
pF
N ote:
*IMD 3 Tone Testing
Visi on C ar rier
−8dB ref
Sound Carr ier
−7dB ref
Sideband C arrier
−16 dB ref
** CMD : Cr oss Modulat ion Di stortion of the Voltage Variation (%) of S ound Carrier When Vision C ar rier is
Sw itched from 0 to
−20 dB
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCBO
IC
= 20mA
IE
= 0mA
45
—
—
V
BVCEO
IC
= 40mA
IB
= 0mA
25
—
—
V
BVEBO
IE
= 5mA
IC
= 0mA
3.0
—
—
V
hFE
VCE
= 20V
IC
= 0.5A
10
—
—
—
DYNAMIC
SD1732 (TDS595)
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com