Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1732 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD1732
Description  RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1732 Datasheet(HTML) 4 Page - STMicroelectronics

  SD1732 Datasheet HTML 1Page - STMicroelectronics SD1732 Datasheet HTML 2Page - STMicroelectronics SD1732 Datasheet HTML 3Page - STMicroelectronics SD1732 Datasheet HTML 4Page - STMicroelectronics SD1732 Datasheet HTML 5Page - STMicroelectronics SD1732 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TEST CIRCUIT
C1, C’1,
C13, C’13 : 68pF, ATC 100A
C2
: 4.5pF Adjustable Johanson
C3
: 4.7pF, ATC 100A
C4, C’4, C6, C’6, C9, C’9,
C10, C’10 : 100pF, ATC 100A + 1nF LCC Chip + 10nF LCC Chip
C5, C’5
: 4.7
µF, 25V, Tantalum Capacitor
C7, C’7
: 10
µF, 25V, Tantalum Capacitor
C8, C’8
: 22
µF, 35V, Tantalum Capacitor
C11
: 4.7pf, ATC 100A
C12
: 8pF Adjustable Johanson
C14, C’14 : 22pF, ATC 100A
L1, L9, L’9 : 50
Ω Coaxial Wire Diameter 2.2mm, Length 29mm on
70
Ω Transmission Line
L2, L’2
: 50
Ω Printed Transmission Line Length 4mm
L3, L’3 : 50
Ω Printed Transmission Line Length 3mm
L4, L’4 : 50
Ω Printed Transmission Line Length 9.5mm
L5, L’5 : 39
Ω Printed Transmission Line Length 7mm
L6, L’6 : 39
Ω Printed Transmission Line Length 15mm
L7, L’7 : 39
Ω Printed Transmission Line Length 8mm
L8, L’8 : 39
Ω Printed Transmission Line Length 10mm
R1, R’1 : 4.7
Ω, 1/2W
R2, R’2 : 1207
Ω, 1/2W
S1, S’1 : 470nH Molded
S2, S’2 : 5 Turns, Diameter Wire 0.5mm on 3mm I.D.
S3, S’3 : Diameter Wire 1.2mm, Length 12mm
Substrate: Teflon Glass 30Mils, Er
= 2.55
SD1732 (TDS595)
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com