Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH513 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TH513
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH513 Datasheet(HTML) 1 Page - STMicroelectronics

  TH513 Datasheet HTML 1Page - STMicroelectronics TH513 Datasheet HTML 2Page - STMicroelectronics TH513 Datasheet HTML 3Page - STMicroelectronics TH513 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HF SSB APPLICATIONS
RF & MICROWAVE TRANSISTORS
.380 4L STUD (M135)
epoxy sealed
.
OPTIMIZED FOR SSB
.
30 MHz
.
50 VOLTS
.
COMMON EMITTER
.
GOLD METALLIZATION
.
POUT
= 75 W MIN. WITH 14.0 dB GAIN
DESCRIPTION
The SD1733 is a 50 V Class AB epitaxial silicon
NPN planar transistor designed primarily for SSB
and VHF communications. This device utilizes
emitter ballasting for improved ruggedness and
reliability.
PIN CONNECTION
BRANDING
TH513
ORDER CODE
SD1733
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
VCBO
Collector-Base Voltage
110
V
VCEO
Collector-Emitter Voltage
55
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
3.25
A
PDISS
Power Dissipation
127
W
TJ
Junction Temperature
+200
°C
TSTG
Storage Temperature
− 65 to +150
°C
RTH(j-c)
Junction-Case Thermal Resistance
2.0
°C/W
SD1733 (TH513)
1. Collector
3. Base
2. Emitter
4. Emitter
THERMAL DATA
November 1992
1/4


Similar Part No. - TH513

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TH513J44G AMPHENOL-TH513J44G Datasheet
95Kb / 8P
Thermometrics
logo
amphenol-sensors
TH513J44G AMPHENOLADVANCEDSENSORS-TH513J44G Datasheet
110Kb / 8P
NTC Diode Thermometrics Thermistors
08/2017
More results

Similar Description - TH513

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1407 STMICROELECTRONICS-SD1407 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1411 STMICROELECTRONICS-SD1411 Datasheet
52Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Oct-1992
SD1487 STMICROELECTRONICS-SD1487 Datasheet
63Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
Nov-1992
SD1730 STMICROELECTRONICS-SD1730 Datasheet
77Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
07-Sep-1994
logo
Microsemi Corporation
MS1226 MICROSEMI-MS1226 Datasheet
61Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Advanced Power Technolo...
MS1001 ADPOW-MS1001 Datasheet
118Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1007 ADPOW-MS1007 Datasheet
161Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1008 ADPOW-MS1008 Datasheet
185Kb / 5P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1726 STMICROELECTRONICS-SD1726_03 Datasheet
197Kb / 8P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
January, 10 2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com