Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH513 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TH513
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH513 Datasheet(HTML) 3 Page - STMicroelectronics

  TH513 Datasheet HTML 1Page - STMicroelectronics TH513 Datasheet HTML 2Page - STMicroelectronics TH513 Datasheet HTML 3Page - STMicroelectronics TH513 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
C1
: 20 - 500pF
C2
: 50 - 500pF
C3, C4 : 3.9nF
C5
: 100nF
C6
: 2.2
µF
C7
: 56pF
C9
: 100pF
C10
: 20 - 150pF
C11
: 20 - 500pF
L1
: 3 Turns, Diameter Wire 1.5mm, Int. Diameter 7mm,
Pitch 2.5mm
L2
: 22
µH Choke Coil
L3
: 4 Turns, Diameter Wire 1.5mm, Int. Diameter 10mm,
Pitch 2.5mm
L4
: Ferroxcube Choke Coil
L5
: 7 Turns, Diameter Wire 1.5mm, Int. Diameter 12mm,
Pitch 2.5mm
R2
: 33
Ω
R3
: 4.7
Ω
BIAS CIRCUIT
SD1733 (TH513)
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com