Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDADMM1M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HDADMM1M
Description  1m High Speed HDMI Cable with Ethernet - HDMI to HDMI Micro - M/M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HDADMM1M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HDADMM1M Datasheet HTML 1Page - StarTech.com Ltd. HDADMM1M Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1m High Speed HDMI Cable with Ethernet - HDMI to HDMI Micro - M/M
Product ID: HDADMM1M
The HDADMM1M 1-meter High Speed HDMI to HDMI Micro cable enables you to connect devices with an HDMI
Micro port to a display/device with a standard HDMI port - a cost-saving solution for connecting cutting-edge and
next-generation HDMI-capable devices to existing HDMI technology.
The HDMI/HDMI Micro cable features high-quality gold-tipped connectors that ensure peak connectivity, and is
backed by StarTech.com's Lifetime Warranty.
Certifications, Reports and Compatibility
Applications
• A single-cable solution for quickly connecting your Smartphone or portable device to your HDMI-enabled TV or
display
Features
• Gold-plated HDMI connectors
• Supports the full HDMI High Speed specification
• 3D and Ethernet ready for supported devices
Hardware
Warranty
Lifetime


Similar Part No. - HDADMM1M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HDADFM5IN STARTECH-HDADFM5IN Datasheet
59Kb / 2P
5in High Speed HDMI Adapter Cable - HDMI to HDMI Micro – F/M
More results

Similar Description - HDADMM1M

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1721001-03 QUALTEK-1721001-03 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721005-06 QUALTEK-1721005-06 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721009-10 QUALTEK-1721009-10 Datasheet
443Kb / 1P
HDMI/M - HDMI/M
1721013-16 QUALTEK-1721013-16 Datasheet
441Kb / 1P
HDMI/M - HDMI/M
1721017-30 QUALTEK-1721017-30 Datasheet
444Kb / 1P
HDMI/M - HDMI/M
logo
Molex Electronics Ltd.
887689830 MOLEX2-887689830 Datasheet
291Kb / 4P
HDMI(M) TO HDMI(M) CABLE ASSY
logo
Tripp Lite. All Rights ...
P570003MICRO TRIPPLITE-P570003MICRO Datasheet
483Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 3-ft
P570006MICRO TRIPPLITE-P570006MICRO Datasheet
483Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M-M), 6-ft
P570-003-MICRO TRIPPLITE-P570-003-MICRO Datasheet
158Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M/M), 3-ft.
P570-006-MICRO TRIPPLITE-P570-006-MICRO Datasheet
158Kb / 2P
HDMI to Micro HDMI Cable with Ethernet, Digital Video with Audio Adapter (M/M), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com