Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDADMM1M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HDADMM1M
Description  1m High Speed HDMI Cable with Ethernet - HDMI to HDMI Micro - M/M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HDADMM1M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HDADMM1M Datasheet HTML 1Page - StarTech.com Ltd. HDADMM1M Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of Conductors
19
Cable Jacket Material
PVC - Polyvinyl Chloride
Connector(s)
Connector A
HDMI (19 pin)
Connector B
Micro HDMI (19 pin)
Physical
Characteristics
Color
Black
Connector Style
Straight
Wire Gauge
34 AWG
Cable Length
39.4 in [100 cm]
Cable OD
0.2 in [4.2 mm]
Product Length
39.4 in [100 cm]
Weight of Product
1.1 oz [32 g]
Packaging
Information
Package Quantity
1
Package Length
8.9 in [22.5 cm]
Package Width
4.9 in [12.5 cm]
Package Height
0.5 in [13 mm]
Shipping (Package)
Weight
1.7 oz [47 g]
What's in the
Box
Included in Package
1 m High Speed HDMI Cable with Ethernet - HDMI to HDMI Micro M/M
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com