Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2321F Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB2321F
Description  1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2321F Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB2321F Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Cable Length
1.8 m [6 ft]
Color
Black
Enclosure Type
Plastic
Product Height
22 mm [0.9 in]
Product Length
45 mm [1.8 in]
Product Weight
200 g [7.1 oz]
Product Width
41.5 mm [1.6 in]
Bus Type
USB 2.0
Chipset ID
FTDI - FT232RL
Interface
Serial
Port Style
Cable Adapter
Ports
1
Data Bits
7, 8
FIFO
256 Bytes
Max Baud Rate
115.2 Kbps
Parity
None, Odd, Even, Mark, Space
Serial Protocol
RS-232
Stop Bits
1, 2
Connector Type(s)
1 - DB-9 (9 pin; D-Sub) Male
Connector Type(s)
1 - USB A (4 pin) Male
OS Compatibility
Windows® 10 (32/64), 8 / 8.1 (32/64), 7 (32/64), Vista (32/64), XP (32/64), 2000,
98SE, XP Embedded, CE (4.2+)
Windows Server® 2012, 2008 R2, 2003
Mac OS® 10.x (tested up to 10.11)
Linux 2.4.x / 2.6.x
System and Cable
Requirements
One available USB 1.1 (or better) port
Power Source
USB-Powered
Humidity
5~95% RH
Operating Temperature 0°C to 55°C (32°F to 131°F)
Storage Temperature
-20°C to 85°C (-4°F to 185°F)
Shipping (Package)
Weight
0.2 kg [0.5 lb]
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com