Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2321F Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ICUSB2321F
Description  1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2321F Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ICUSB2321F Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2321F Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
StarTech ID: ICUSB2321F
The ICUSB2321F 1-Port USB to Serial RS232 Adapter Cable with FTDI chipset and COM Retention converts
an available USB 1.1 or 2.0 port into an RS232 serial DB9 port to connect, monitor and control your serial
devices.
This compact adapter features COM retention, allowing the same COM port value to automatically be re-
assigned to the port if the cable is disconnected and re-connected to the host computer, or if the system is
rebooted. The ICUSB2321F uses the FTDI chipset which supports additional customization, advanced features,
and compatibility not necessarily offered by other solutions.
Compatibility with a broad list of Operating Systems including Windows®, Windows CE, Mac OS and Linux,
makes this product easy to integrate into mixed environments.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
Applications
Perfect for IT Administrators looking to add legacy functionality to newer notebooks, PCs and servers that
lack an integrated RS232 port
Connect, monitor and control industrial/automotive sensors and equipment
Connect bar code scanners, receipt printers and other point of sale devices
Connect and program LED and Digital signage boards with serial communication ports
Connect a satellite receiver, serial modem, or PDU
www.startech.com/uk
0800 169 0408


Similar Part No. - ICUSB2321F

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSB2322F STARTECH-ICUSB2322F Datasheet
202Kb / 4P
2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322I STARTECH-ICUSB2322I Datasheet
72Kb / 4P
2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
ICUSB2324 STARTECH-ICUSB2324 Datasheet
209Kb / 3P
4 Port USB to RS232 Serial DB9 Adapter Hub
ICUSB2324I STARTECH-ICUSB2324I Datasheet
69Kb / 4P
4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
ICUSB232C STARTECH-ICUSB232C Datasheet
65Kb / 4P
USB C to Serial Adapter Cable 16" (40cm) - USB Type C to RS232 (DB9) Converter Cable - USB-C Serial Cable for PLCs, Scanners, Printers - Male/Male - Windows/Mac/Linux
More results

Similar Description - ICUSB2321F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
US-159 ETC2-US-159 Datasheet
1Mb / 2P
Isolated High Retention USB 1 Port RS232
logo
Future Technology Devic...
UT232R-500 FTDI-UT232R-500 Datasheet
495Kb / 24P
USB to RS232 Adapter cable
logo
Coolgear Inc.
CG-4X232FTDI COOLGEAR-CG-4X232FTDI Datasheet
120Kb / 2P
4-port USB to RS232 Adapter FTDI Cable
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
USBG-8COM-M COOLGEAR-USBG-8COM-M Datasheet
145Kb / 2P
Industrial 8-Port DB-9 RS232 to USB Adapter High-Speed FTDI Chip
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
USB to Industrial 5Volt RS232 Serial Adapter FTDI
XC-232-C COOLGEAR-XC-232-C Datasheet
130Kb / 2P
Dual Port USB to Serial RS-232 DB-9 Adapter Cable FTDI Chip
CG-1P232CAN COOLGEAR-CG-1P232CAN Datasheet
298Kb / 2P
1 Port Serial RS232 to CAN Bus Adapter with Metal Case
11/14/2021
logo
Black Box Registered Tr...
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
US-759 BLACKBOX-US-759 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial Isolated USB to Serial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com