Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232C Datasheet (PDF) - StarTech.com Ltd.

ICUSB232C Datasheet PDF - StarTech.com Ltd.
Part # ICUSB232C
Download  ICUSB232C Download
File Size   65.05 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to Serial Adapter Cable 16" (40cm) - USB Type C to RS232 (DB9) Converter Cable - USB-C Serial Cable for PLCs, Scanners, Printers - Male/Male - Windows/Mac/Linux

ICUSB232C Datasheet (PDF)

Go To PDF Page Download Datasheet
ICUSB232C Datasheet PDF - StarTech.com Ltd.

Part # ICUSB232C
Download  ICUSB232C Click to download

File Size   65.05 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to Serial Adapter Cable 16" (40cm) - USB Type C to RS232 (DB9) Converter Cable - USB-C Serial Cable for PLCs, Scanners, Printers - Male/Male - Windows/Mac/Linux

ICUSB232C Datasheet (HTML) - StarTech.com Ltd.


ICUSB232C Product details

Applications
• IT administrators looking to add legacy functionality to newer notebooks, PCs and servers that lack an integrated
RS232 port
• Connect bar code scanners, receipt printers and other point of sale devices
• Connect, monitor and control industrial/automotive sensors and other sensitive equipment
• Connect and program LED and digital signage boards

Features
• USB-C TO SERIAL: Interface with Serial RS-232 (DB9) equipment using this black USB Type-C Serial adapter
converter cable; Male DB9 connector features screw-lock nuts; Cable length of 16" [40 cm]
• TECH SPECS: 921.6 Kbps baud 512 byte FIFO Data bits of 5/6/7/8 and stop bits 1/1.5/2 Parity Modes of None,
Xon/Xoff, RTS/CTS, DTR/DSR Flow control options Odd/Even/Mark/Space/None
• APPLICATIONS: Using your laptop's USB-C port, control serial equipment such as PLCs, scanners, sensors,
oscilloscopes, medical, scales or receipt printers; Use in manufacturing, scientific, automation
• HOST COMPATIBILITY: Driverless setup for easy install; Tested on major operating systems, including Windows 7
and up, macOS 10.11 and up, Linux 2.6 and up; USB bus powered
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This RS232 Serial Adapter is backed for
2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support




Similar Part No. - ICUSB232C

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ICUSB2321F STARTECH-ICUSB2321F Datasheet
203Kb / 4P
1 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322F STARTECH-ICUSB2322F Datasheet
202Kb / 4P
2 Port FTDI USB to Serial RS232 Adapter Cable with COM Retention
ICUSB2322I STARTECH-ICUSB2322I Datasheet
72Kb / 4P
2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
ICUSB2324 STARTECH-ICUSB2324 Datasheet
209Kb / 3P
4 Port USB to RS232 Serial DB9 Adapter Hub
ICUSB2324I STARTECH-ICUSB2324I Datasheet
69Kb / 4P
4 Port USB to DB9 RS232 Serial Adapter Hub – Industrial DIN Rail and Wall Mountable
More results


Similar Description - ICUSB232C

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U038-003 TRIPPLITE-U038-003 Datasheet
495Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-A Male to USB Type-C (USB-C) Male, 3-ft.
U040-006 TRIPPLITE-U040-006 Datasheet
486Kb / 2P
USB 2.0 Hi-Speed Cable, USB Type-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U038-006 TRIPPLITE-U038-006 Datasheet
167Kb / 3P
USB 2.0 Cable, USB Type-A Male to USB Type-C (USB-C) Male, 6-ft.
U040-006-MICRO TRIPPLITE-U040-006-MICRO Datasheet
159Kb / 3P
USB 2.0 Cable, USB Micro-B Male to USB Type-C (USB-C) Male, 6-ft.
logo
List of Unclassifed Man...
USBCM311M0USBCMMMWHR ETC-USBCM311M0USBCMMMWHR Datasheet
171Kb / 5P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
USBCM313M0USBCMMMWHR ETC-USBCM313M0USBCMMMWHR Datasheet
174Kb / 6P
USB C MALE 3.1 to USB C MALE 3.1, GT Cable
08/23/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com