Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232C Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB232C
Description  USB C to Serial Adapter Cable 16" (40cm) - USB Type C to RS232 (DB9) Converter Cable - USB-C Serial Cable for PLCs, Scanners, Printers - Male/Male - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232C Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB232C Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
• USB-C TO SERIAL: Interface with Serial RS-232 (DB9) equipment using this black USB Type-C Serial adapter
converter cable; Male DB9 connector features screw-lock nuts; Cable length of 16" [40 cm]
• TECH SPECS: 921.6 Kbps baud 512 byte FIFO Data bits of 5/6/7/8 and stop bits 1/1.5/2 Parity Modes of None,
Xon/Xoff, RTS/CTS, DTR/DSR Flow control options Odd/Even/Mark/Space/None
• APPLICATIONS: Using your laptop's USB-C port, control serial equipment such as PLCs, scanners, sensors,
oscilloscopes, medical, scales or receipt printers; Use in manufacturing, scientific, automation
• HOST COMPATIBILITY: Driverless setup for easy install; Tested on major operating systems, including Windows 7
and up, macOS 10.11 and up, Linux 2.6 and up; USB bus powered
• STARTECH.COM ADVANTAGE: IT professionals choice for over 30 years; This RS232 Serial Adapter is backed for
2-years by StarTech.com, including free 24/5 North America based multi-lingual tech support
Hardware
Warranty
2 Years
Ports
1
Interface
Serial
Bus Type
USB-C
Port Style
Cable Adapters
Industry Standards
USB 1.1/2.0 RS232
Chipset ID
Prolific - PL2303RA
Performance
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Data Bits
5, 6, 7, 8
FIFO
512 Bytes
Flow Control
None, Xon/Xoff, RTS/CTS, DTR/DSR
Parity
Odd, Even, Mark, Space, or None Parity Modes
Stop Bits
1, 1.5, 2
MTBF
30,000 Hours



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com