Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB232C Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB232C
Description  USB C to Serial Adapter Cable 16" (40cm) - USB Type C to RS232 (DB9) Converter Cable - USB-C Serial Cable for PLCs, Scanners, Printers - Male/Male - Windows/Mac/Linux
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB232C Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB232C Datasheet HTML 1Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 2Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 3Page - StarTech.com Ltd. ICUSB232C Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Connector(s)
Connector Type(s)
USB Type-C (24-pin) USB 2.0 (480Mbps)
DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows 7, 8.1, 10
Windows Server 2008 R2, 2012 R2, 2016, 2019
macOS 10.11 and 10.15, 11.0, 12.0
Linux 2.6.x to 4.4.x <i>LTS Versions only</i>
Microsoft WHQL Certified
Yes
Special Notes /
Requirements
System and Cable
Requirements
One available USB-C port
Power
Power Source
USB-Powered
Environmental
Operating Temperature
0C to 60C (32F to 140F)
Storage Temperature
-20C to 80C (-4F to 176F)
Humidity
0~65% RH
Physical
Characteristics
Color
Black
Product Length
16.9 in [43 cm]
Product Width
1.2 in [30 mm]
Product Height
0.6 in [15 mm]
Weight of Product
1.3 oz [36 g]
Packaging
Information
Package Length
8.7 in [22 cm]
Package Width
7.9 in [20 cm]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com