Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2322I Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # ICUSB2322I
Description  2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2322I Datasheet(HTML) 3 Page - StarTech.com Ltd.

  ICUSB2322I Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Windows Server 2003, 2008 R2, 2012, 2012 R2, 2016, 2019
macOS 10.6 to 10.15, 11.0
Linux Kernel 3.0.x - 5.4.x (LTS Versions Only)</i>
Indicators
LED Indicators
Each, Tx/Rx Activity indicators
Power
Power Source
USB-Powered
Input Voltage
5V DC
Plug Type
M
Environmental
Operating Temperature
0C to 55C (32F to 131F)
Storage Temperature
-20C to 85C (-4F to 185F)
Humidity
5~95% RH
Physical
Characteristics
Color
Black
Material
Steel
Cable Length
6.0 ft [1.8 m]
Product Length
4.1 in [10.4 cm]
Product Width
2.6 in [66 mm]
Product Height
0.9 in [24 mm]
Weight of Product
5.7 oz [162 g]
Packaging
Information
Package Length
8.4 in [21.4 cm]
Package Width
5.7 in [14.5 cm]
Package Height
1.6 in [41 mm]
Shipping (Package)
12.8 oz [362 g]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com