Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICUSB2322I Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # ICUSB2322I
Description  2 Port Industrial Wall Mountable USB to Serial Adapter Hub with DIN Rail Clips
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ICUSB2322I Datasheet(HTML) 2 Page - StarTech.com Ltd.

  ICUSB2322I Datasheet HTML 1Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 2Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 3Page - StarTech.com Ltd. ICUSB2322I Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
• 2-port USB to RS232 serial adapter
• Rugged metal construction
• Wall-mountable, with included DIN Rail clips
• COM retention: COM Port assignments maintained across reboot
• Baud Rate up to 921.6 Kbps
• Powered by an available USB port - no external power adapter required
Hardware
Warranty
2 Years
Ports
2
Interface
Serial
Bus Type
USB 2.0
Port Style
External Hub
Chipset ID
FTDI - FT232RL
Performance
Serial Protocol
RS-232
Max Baud Rate
921.6 Kbps
Data Bits
7, 8
FIFO
256 Bytes
Parity
Odd, Even, Mark, Space, None
Stop Bits
1, 2
Connector(s)
External Ports
USB B (4 pin)
DB-9 (9 pin, D-Sub)
Software
OS Compatibility
Windows CE (4.2, 5.0, 6.0), XP Embedded, 98SE, 2000, XP, Vista, 7,
8, 8.1, 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com