Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0067 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0067
Description  DHT11 Temperature and Humidity Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0067 Datasheet(HTML) 1 Page - DFROBOT

  DFR0067 Datasheet HTML 1Page - DFROBOT DFR0067 Datasheet HTML 2Page - DFROBOT DFR0067 Datasheet HTML 3Page - DFROBOT DFR0067 Datasheet HTML 4Page - DFROBOT DFR0067 Datasheet HTML 5Page - DFROBOT DFR0067 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
(https://www.dfrobot.com/product-
174.html)
Introduction
This DHT11 Temperature and Humidity Sensor (https://www.dfrobot.com/product-
174.html) features a calibrated digital output temperature and humidity sensor
module. Its technology ensures high reliability and excellent long-term stability. A
high-performance 8-bit microcontroller is connected. This sensor includes a resistive
element and wet NTC temperature measuring devices. It has excellent quality, fast
response, anti-interference ability and high cost performance advantages.
Each DHT11 sensors features extremely accurate calibration of humidity calibration
chamber. The calibration coefficients stored in the OTP program memory. Internal
sensors detect signals in the process in accordance with their calibration coefficients.
The single-wire serial interface system is integrated to become quick and easy to
use. The small size, low power, and signal transmission distance up to 20 meters
makes it useful in a variety of applications and even the most demanding
applications The product is 4-pin single row pin package Convenient connections
7/7/24, 6:33 PM
DHT11_Temperature_and_Humidity_Sensor__SKU__DFR0067_-DFRobot
https://wiki.dfrobot.com/DHT11_Temperature_and_Humidity_Sensor__SKU__DFR0067_
1/6


Similar Part No. - DFR0067

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0060 DFROBOT-DFR0060 Datasheet
84Kb / 1P
Screw Shield For Arduino (SKU: DFR0060)
DFR0061 DFROBOT-DFR0061 Datasheet
290Kb / 5P
Joystick Module For Arduino SKU:DFR0061
DFR0062 DFROBOT-DFR0062 Datasheet
201Kb / 2P
WiiChuck Adapter (Arduino Compatible)
8-10-18
DFR0063 DFROBOT-DFR0063 Datasheet
170Kb / 6P
I2C/TWI LCD1602 Module (Gadgeteer Compatible) (SKU: DFR0063)
8-10-18
DFR0064 DFROBOT-DFR0064 Datasheet
74Kb / 2P
386AMP Audio Amplifier Module (Arduino compatible)
More results

Similar Description - DFR0067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
DHT11 ETC-DHT11 Datasheet
1Mb / 9P
DHT11 Humidity & Temperature Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com